Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 176Page - Renesas Technology Corp 7733 Datasheet HTML 177Page - Renesas Technology Corp 7733 Datasheet HTML 178Page - Renesas Technology Corp 7733 Datasheet HTML 179Page - Renesas Technology Corp 7733 Datasheet HTML 180Page - Renesas Technology Corp 7733 Datasheet HTML 181Page - Renesas Technology Corp 7733 Datasheet HTML 182Page - Renesas Technology Corp 7733 Datasheet HTML 183Page - Renesas Technology Corp 7733 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–17
7.4 Event counter mode (Bits 1 and 0 of timer Bi mode register = “012”)
In this mode, an external signal is counted. (Refer to Table 7.4.1.) Figure 7.4.1 shows the structures of the
timer Bi mode register and timer Bi register in the event counter mode.
Table 7.4.1 Specifications of event counter mode
Specifications
q External signal input to pin TBiIN (Notes 1 and 2).
q “Falling edge,” “Rising edge,” or “Falling and Rising edges” can be
selected as the valid edge of the count source by software.
q Countdown
q At an underflow, the reload register’s contents is reloaded, and
counting is continued.
n: Set value in the timer Bi register
When the count start flag is set to “1.”
When the count start flag is cleared to “0.”
At an underflow
Count source input
A counter value can be read out by reading the timer Bi register.
s While counting is stopped
When a value is written to the timer Bi register, it is written to both
of the reload register and counter.
s While counting is in progress
When a value is written to the timer Bi register, it is written only to
the reload register. (Transferred to the counter at the next reload
time.)
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TBiIN’s function
Read from timer
Write to timer
1
(n + 1)
Notes 1: When the timer B1 internal connect selection bit (bit 2 at address 6D16) = “1,” timer B1 counts
the timer B2’s underflow signal. (Refer to section “7.4.3 Selectable functions.”)
2: When using timer B2 in the event counter mode, set both of the port-Xc selection bit (bit 4 at
address 6C16) and the sub-clock output selection bit/Timer B2 clock source selection bit (bit 1 at
address 6D16) to “0.” When one of or both of these bits = “1,” timer B2 functions as a clock timer.
(Refer to section “7.6 Clock timer.”)
7.4 Event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com