Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 177Page - Renesas Technology Corp 7733 Datasheet HTML 178Page - Renesas Technology Corp 7733 Datasheet HTML 179Page - Renesas Technology Corp 7733 Datasheet HTML 180Page - Renesas Technology Corp 7733 Datasheet HTML 181Page - Renesas Technology Corp 7733 Datasheet HTML 182Page - Renesas Technology Corp 7733 Datasheet HTML 183Page - Renesas Technology Corp 7733 Datasheet HTML 184Page - Renesas Technology Corp 7733 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–18
7.4 Event counter mode
Fig. 7.4.1 Structures of timer Bi mode register and timer Bi register in event counter mode
0 0: Counting is performed at the falling
edge of the external signal.
0 1: Counting is performed at the rising
edge of the external signal.
1 0: Counting is performed at both
falling and rising edges of the
external signal.
1 1: Do not select.
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
Bit
5
This bit is ignored in the event counter mode and is undefined at reading.
4
•Timer B0 mode register
Must be fixed to “0.”
3
2
Count polarity selection bits
1
0
Operating mode selection bits
Bit name
Functions
0 1: Event counter mode
b1 b0
b3 b2
X
01
6
These bits are ignored in the event counter mode.
7
At reset
0
0
0
Un-
defined
Un-
defined
0
0
RW
0
•Timer B1 and B2 mode registers
Not implemented.
0
b7
b0
b7
b0
(b15)
(b8)
Timer B0 register (addresses 5116, 5016)
Timer B1 register (addresses 5316, 5216)
Timer B2 register (addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter
divides the count source frequency by (n + 1).
At reading this register, the counter value is
read out.
Un-
defined
XX
RW
RW
RW
RW
RW
—
RO
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com