Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 181Page - Renesas Technology Corp 7733 Datasheet HTML 182Page - Renesas Technology Corp 7733 Datasheet HTML 183Page - Renesas Technology Corp 7733 Datasheet HTML 184Page - Renesas Technology Corp 7733 Datasheet HTML 185Page - Renesas Technology Corp 7733 Datasheet HTML 186Page - Renesas Technology Corp 7733 Datasheet HTML 187Page - Renesas Technology Corp 7733 Datasheet HTML 188Page - Renesas Technology Corp 7733 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–22
7.4.3 Selectable functions
Timer B1 internal connection is described below.
(1) Timer B1 internal connection
When the timer B1 internal connect selection bit (bit 2 at address 6D16) is set to “1,” timer B1 is
internally connected to timer B2 and counts the timer B2’s underflow signal. Accordingly, timers B2
and B1 function as a 32-bit (16 bits + 16 bits) timer and counts the timer B2’s count source.
This function can be used when timer B2 operates in the timer or event counter mode, or as a clock
timer.
Figure 7.4.4 shows connection between timers B2 and B1 when timer B1 internal connection is
selected. Figure 7.4.5 shows structures of the timer B1 mode register and port function control register
when timer B1 internal connection is selected. Figure 7.4.6 shows an operation example when timer
B1 internal connection is selected.
Fig. 7.4.4 Connection between timers B2 and B1 when timer B1 internal connection is selected
b7
b0
Timer B1 mode register (address 5C16)
1
1
b7
b0
Port function control register (address 6D16)
1
0
0
X: It may be “0” or “1.”
0
X
X
X
X
Fig. 7.4.5 Structures of timer B1 mode register and port function control register when timer B1
internal connection is selected
Timer B1
(Event counter mode)
Timer B1
interrupt request bit
Counter (16)
Timer B2 count source
TB1IN
Timer B2
interrupt request bit
Reload register
(16)
Timer B2
Timer mode
Event counter mode
Clock timer
Timer B1
internal
connect
selection bit
Counter (16)
Reload register
(16)
7.4 Event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com