Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 184Page - Renesas Technology Corp 7733 Datasheet HTML 185Page - Renesas Technology Corp 7733 Datasheet HTML 186Page - Renesas Technology Corp 7733 Datasheet HTML 187Page - Renesas Technology Corp 7733 Datasheet HTML 188Page - Renesas Technology Corp 7733 Datasheet HTML 189Page - Renesas Technology Corp 7733 Datasheet HTML 190Page - Renesas Technology Corp 7733 Datasheet HTML 191Page - Renesas Technology Corp 7733 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–25
7.5 Pulse period/Pulse width measurement mode
7.5 Pulse period/Pulse width measurement mode
(Bits 1 and 0 of timer Bi mode register = “102”)
In this mode, an external signal’s pulse period or pulse width is measured. (Refer to Table 7.5.1.) Figure
7.5.1 shows the structures of the timer Bi mode register and timer Bi register in the pulse period/pulse width
measurement mode.
s Pulse period measurement
The pulse period of an external signal which is input to pin TBiIN is measured.
s Pulse width measurement
The pulse width (“L” level width and “H” level width) of an external signal which is input to pin TBiIN is
measured.
Note: When the port-Xc selection bit (bit 4 at address 6C16) = “1,” timer B2 functions as a clock timer.
Accordingly, pulse period/pulse width measurement cannot be performed.
Table 7.5.1 Specifications of pulse period/pulse width measurement mode
Item
Count source
Count operation
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TBiIN’s function
Read from timer
Write to timer
Specifications
Clock f2, f16, f64, or f512
q Countup
q When valid edge of the measurement pulse is input, the counter
value is transferred to the reload register. And then, the counter
value is cleared to “000016,” and counting is continued.
When the count start flag is set to “1.”
When the count start flag is cleared to “0.”
q When the valid edge of the measurement pulse is input (Note 1).
q At an overflow (Simultaneously, the overflow flag is set to “1.”)
Measurement pulse input
By reading the timer Bi register, the reload register’s contents
(Measurement result) is read out (Note 2).
Ignored
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Overflow flag: A flag used to identify the source of an interrupt request occurrence.
Notes 1: An interrupt request is not generated when the first valid edge is input after counting starts.
2: From when counting starts until the second valid edge is input, a value obtained by reading the
timer Bi register is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com