Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 187Page - Renesas Technology Corp 7733 Datasheet HTML 188Page - Renesas Technology Corp 7733 Datasheet HTML 189Page - Renesas Technology Corp 7733 Datasheet HTML 190Page - Renesas Technology Corp 7733 Datasheet HTML 191Page - Renesas Technology Corp 7733 Datasheet HTML 192Page - Renesas Technology Corp 7733 Datasheet HTML 193Page - Renesas Technology Corp 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–28
7.5 Pulse period/Pulse width measurement mode
Fig. 7.5.2 Initial setting example for registers related to pulse period/pulse width measurement mode
Counting is started.
b7
b0
Measurement mode selection bits
10
Selection of the pulse period/pulse width measurement mode and each function
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer B0 count start flag
Timer B1 count start flag
Timer B2 count start flag
Must be fixed to “0” (for i = 0).
b3 b2
Setting of the interrupt priority level
b7
b0
Timer Bi interrupt control register
(addresses 7A16 to 7C16)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
Count source selection bits
b7 b6
Timer Bi overflow flag (Note)
0: No overflow
1: Overflow
Setting of the port P6 direction register
b7
b0
Port P6 direction register (address 1016)
Clear the corresponding bit to “0.”
Pin TB0IN
Pin TB1IN
Pin TB2IN
0 0: Pulse period measurement
(Interval between falling edges)
0 1: Pulse period measurement
(Interval between rising edges)
1 0: Pulse width measurement
1 1: Do not select.
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
Note: The timer Bi overflow flag is a read-only flag. This flag is cleared to “0” when writing to timer Bi mode register is performed with the count start flag = “1.”
Clocks f2, f16, f64, and f512:
Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Pulse period/Pulse width measurement mode is selected.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com