Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 191Page - Renesas Technology Corp 7733 Datasheet HTML 192Page - Renesas Technology Corp 7733 Datasheet HTML 193Page - Renesas Technology Corp 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp 7733 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–32
7.5 Pulse period/Pulse width measurement mode
Fig. 7.5.4 Operation during pulse width measurement
Measurement pulse
“H”
Count source
Reload register
Counter
Transfer timing
Timing when counter is
cleared to “000016”
“1”
“1”
Transferred
(Measured
value)
“L”
“0”
“0”
“1”
“0”
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software
Œ Initialization of the counter because of measurement completion
 Overflow
Œ

ŒŒ
Œ
Count start flag
Timer Bi interrupt
request bit
Timer Bi overflow flag
Transferred
(Measured
value)
Transferred
(Measured
value)
Transferred
(Undefined
value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com