Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp 7733 Datasheet HTML 199Page - Renesas Technology Corp 7733 Datasheet HTML 200Page - Renesas Technology Corp 7733 Datasheet HTML 201Page - Renesas Technology Corp 7733 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–35
Fig. 7.6.1 Structures of timer B2 mode register and timer B2 register when clock timer is used
At reset
Functions
0
0
Un-
defined
Un-
defined
0
0
RW
Bit
3
Must be fixed to “0” for the clock timer.
b7
b6
b5
b4
b3
b2
b1
b0
Timer B2 mode register (address 5D16)
1
0
1
0
0
0
6
These bits are ignored for the clock timer.
5
This bit is ignored for the clock timer.
b7
b0 b7
b0
(b15)
(b8)
Timer B2 register (addresses 5516 and 5416)
Functions
Bit
At reset
RW
15 to 0 Values 000016 to FFFF16 can be set.
Assuming that the set value = n, counter divides
the count source frequency by (n + 1).
At reading this register, the counter value is read
out.
Un-
defined
2
Must be fixed to “1” for the clock timer.
1
Must be fixed to “0” for the clock timer.
0
Must be fixed to “1” for the clock timer.
4
Not implemented.
X
7
XX
RW
RW
RW
RW
—
RO
RW
RW
RW
7.6 Clock timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com