Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp 7733 Datasheet HTML 199Page - Renesas Technology Corp 7733 Datasheet HTML 200Page - Renesas Technology Corp 7733 Datasheet HTML 201Page - Renesas Technology Corp 7733 Datasheet HTML 202Page - Renesas Technology Corp 7733 Datasheet HTML 203Page - Renesas Technology Corp 7733 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–37
7.6 Clock timer
7.6.1 Setting for clock timer
Figure 7.6.3 shows an initial setting example for registers related to the clock timer.
Note that when using interrupts, setting for enabling interrupts is required. For details, refer to chapter “4.
INTERRUPTS.”
Fig. 7.6.3 Initial setting example for registers related to clock timer
Counting is started.
b7
b0
Selection of the clock timer
Oscillation circuit control register 0
(address 6C16)
Setting of the count start flag to “1”
b7
b0
Count start flag (address 4016)
Timer B2 count start flag
Setting of the interrupt priority level
b7
b0
Timer B2 interrupt control register (address 7C16)
Interrupt priority level selection bits
When using interrupts, one of levels 1 to 7 must be set.
When disabling interrupts, level 0 must be set.
Initialization of the clock prescaler
By using LDM instruction, write value “8016” to address 6F16.
1: XCIN–XCOUT selected
(Sub clock used)
Note: After oscillation of an oscillator connected to the sub-clock oscillation circuit is stabilized, set the count start flag to “1.”
Port-Xc selection bit
1
1
0
1
0
b7
b0
Timer B2 mode register (address 5D16)
g Counter divides the count source frequency by (n + 1).
b7
b0 b7
b0
Setting of the division ratio
Values 000016 to FFFF16 (n) can be set.
(b15)
(b8)
Timer B2 register
(addresses 5516 and 5416)
X
X: It may be “0” or “1.”
XX
1
b7
b0
Selection of the clock timer
Oscillation circuit control register 0
(address 6C16)
Port-Xc selection bit
0: Ports P77 and P76 selected
(Sub clock not used)
0
1
0
1
0
b7
b0
Timer B2 mode register (address 5D16)
X
X: It may be “0” or “1.”
XX
When using sub clock (Xc)
b7
b0
Port function control register
(address 6D16)
Sub-clock output selection bit/Timer B2 clock source selection bit
Timer B2 (Event counter mode) clock source selection
1: Main clock divided by 32
1
When not using sub clock (Xc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com