Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 193Page - Renesas Technology Corp 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp 7733 Datasheet HTML 199Page - Renesas Technology Corp 7733 Datasheet HTML 200Page - Renesas Technology Corp 7733 Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–34
7.6 Clock timer
Timer B2 functions as a clock timer on the following condition (Refer to Table 7.6.1.):
q When the port-Xc selection bit (bit 4 at address 6C16) = “1”
q When the port-Xc selection bit = “0” and the timer B2 clock source selection bit (bit 1 at address 6D16)
= “1”
Figure 7.6.1 shows the structures of the timer B2 mode register and timer B2 register when a clock timer
is used.
Item
Count source
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
Pin TB2IN’s function
Read from timer
Write to timer
Table 7.6.1 Specifications of clock timer
Specifications
fc32 (Sub clock divided by 32: f(XCIN)/32), or Main clock divided by 32: f(XIN)/32)
q Countdown
q At an underflow, the reload register’s contents is reloaded, and
counting is continued.
1
(n + 1)
When the count start flag is set to “1.”
When the count start flag is cleared to “0.”
At an underflow
Programmable I/O port or
φSUB output pin
A counter value can be read out by reading the timer B2 register.
s While counting is stopped
When a value is written to the timer B2 register, it is written to both
of the reload register and counter.
s While counting is in progress
When a value is written to the timer B2 register, it is written only
to the reload register. (Transferred to the counter at the next reload
time.)
n: Set value in the timer B2 register
Clocks fc32 and f(XCIN): Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Either of f(XCIN)/32 or f(XIN)/32 can be selected as the clock timer’s count source, fc32.
The way to generate f(XCIN)/32 is different from that for clocks whose source is the system clock (e.g.,
internal clock
φ, clocks f2 to f512, and so on). (Refer to chapter “14. CLOCK GENERATING CIRCUIT.”)
f(XCIN)/32 is not affected by the system clock selection bit and system clock stop bit at wait state (bits 3
and 5 at address 6C16). Therefore, in the wait mode, (Refer to chapter “11. STOP AND WAIT MODES.”)
only the clock timer can operate by itself. In other words, it is possible to supply fc32 only.
Oppositely, the way to generate f(XIN)/32 is the same as that for the system clock. Therefore, when the
system clock stop bit at wait state = “1,” fc32 is not supplied in the wait mode.
Figure 7.6.2 shows the structure of the clock timer.
7.6 Clock timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com