Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 190Page - Renesas Technology Corp 7733 Datasheet HTML 191Page - Renesas Technology Corp 7733 Datasheet HTML 192Page - Renesas Technology Corp 7733 Datasheet HTML 193Page - Renesas Technology Corp 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–31
7.5 Pulse period/Pulse width measurement mode
(2) Timer Bi overflow flag
When a measurement pulse’s valid edge is input or an overflow occurs, a timer Bi interrupt request
is generated. The timer Bi overflow flag is used to identify the cause of an interrupt request occurrence,
in other words, determine whether it is an overflow or a valid edge input.
When an overflow occurs, the timer Bi overflow flag is set to “1.” Therefore, the source of the interrupt
request occurrence can be identified by checking the timer Bi overflow flag’s state in the interrupt
routine. The timer Bi overflow flag is cleared to “0” at the next count timing of the count source when
a value is written to the timer Bi mode register with the count start flag = “1.”
The timer Bi overflow flag is a read-only flag.
Do not use this flag for detection of overflow timing.
Figure 7.5.3 shows the operation during pulse period measurement. Figure 7.5.4 shows the operation
during pulse width measurement.
Fig. 7.5.3 Operation during pulse period measurement
Count source
Measurement pulse
Timing when counter is
cleared to “000016”
“1”
“H”
“1”
g The above is applied when measurement is performed from one falling edge of the measurement pulse
until the next falling edge of that.
Reload register @@Counter
Transfer timing
“L”
“0”
“0”
Count start flag
“1”
“0”
Œ Initialization of the counter because of measurement completion
 Overflow
Œ

Œ
Cleared to “0” when an interrupt request is accepted;
otherwise, cleared by software
Timer Bi interrupt
request bit
Timer Bi overflow flag
Transferred
(Undefined value)
Transferred
(Measured value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com