Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 192Page - Renesas Technology Corp 7733 Datasheet HTML 193Page - Renesas Technology Corp 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp 7733 Datasheet HTML 199Page - Renesas Technology Corp 7733 Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–33
7.5 Pulse period/Pulse width measurement mode
[Precautions in pulse period/pulse width measurement mode]
1. A timer Bi interrupt request is generated by the following sources:
q The measurement pulse’s valid edge which is input
q An overflow
The interrupt request source shown above can be determined by the timer Bi overflow flag.
2. At reset, the timer Bi overflow flag is set to “1.” This flag can be cleared to “0” by performing writing
to the timer Bi mode register with the count start flag = “1.”
3. When the first valid edge is input after counting starts, an undefined value is transferred to the reload
register. At this time, a timer Bi interrupt request is not generated.
4. At start of counting, the counter value is undefined. Therefore, there is a possibility that a timer Bi
interrupt request is generated by an overflow which occurs immediately after counting starts.
5. When the measurement mode selection bits are changed after counting starts, the timer Bi interrupt
request bit is set to “1.” Note that the timer Bi interrupt request bit does not change if the same value
as before is written to the measurement mode selection bits.
6. When an input signal to pin TBiIN is affected by noise or others, there is a possibility that the counter
cannot perform the exact measurement. We recommend to verify, by software, that the measurement
values are within a constant range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com