Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 189Page - Renesas Technology Corp 7733 Datasheet HTML 190Page - Renesas Technology Corp 7733 Datasheet HTML 191Page - Renesas Technology Corp 7733 Datasheet HTML 192Page - Renesas Technology Corp 7733 Datasheet HTML 193Page - Renesas Technology Corp 7733 Datasheet HTML 194Page - Renesas Technology Corp 7733 Datasheet HTML 195Page - Renesas Technology Corp 7733 Datasheet HTML 196Page - Renesas Technology Corp 7733 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–30
7.5 Pulse period/Pulse width measurement mode
7.5.3 Operation in pulse period/pulse width measurement mode
Œ When the count start flag is set to “1,” the counter starts counting of the count source.
 When a valid edge of the measurement pulse is input, the counter value is transferred to the reload
register. (Refer to “(1) Pulse period/Pulse width measurement.”)
Ž After a transfer in , the counter value becomes “000016,” and the counter continues counting.
 The timer Bi interrupt request bit is set to “1” when the counter value becomes “000016” in Ž,(Note).
After this, the interrupt request bit remains set to “1” until the interrupt request is accepted or the
interrupt request bit is cleared to “0” by software.
 Operations  to  are repeated.
Note: Timer Bi interrupt request is not generated when the first valid edge is input after counting starts.
(1) Pulse period/Pulse width measurement
Whether to measure the pulse period or the pulse width of an external signal can be selected by the
measurement mode selection bits (bits 3 and 2 at addresses 5B16 to 5D16). Table 7.5.3 lists the
relationship between the measurement mode selection bits and the pulse period/pulse width measurement.
Make sure that the measurement interval from the falling edge to the rising edge and that of from the
rising edge to the falling edge are two cycles of the count source or more. When measuring pulse
width of a signal whose duty ratio is not 50%, identify whether the measurement result is the “H” level
width or the “L” level width by software.
Table 7.5.3 Relationship between measurement mode selection bits and pulse period/pulse width measurement
b3
0
0
1
Pulse period/Pulse width measurement
Pulse period measurement
Pulse width measurement
Measurement interval (Valid edge)
From falling edge to falling edge (Falling edge)
From rising edge to rising edge (Rising edge)
From falling edge to rising edge, and from rising
edge to falling edge (Falling and Rising edges)
b2
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com