Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 189 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 189 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 185Page - Renesas Technology Corp 7733 Datasheet HTML 186Page - Renesas Technology Corp 7733 Datasheet HTML 187Page - Renesas Technology Corp 7733 Datasheet HTML 188Page - Renesas Technology Corp 7733 Datasheet HTML 189Page - Renesas Technology Corp 7733 Datasheet HTML 190Page - Renesas Technology Corp 7733 Datasheet HTML 191Page - Renesas Technology Corp 7733 Datasheet HTML 192Page - Renesas Technology Corp 7733 Datasheet HTML 193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–26
7.5 Pulse period/Pulse width measurement mode
Fig. 7.5.1 Structures of timer Bi mode register and timer Bi register in pulse period/pulse width
measurement mode
b7
b0 b7
b0
(b15)
(b8)
Timer B0 register (addresses 5116, 5016)
Timer B1 register (addresses 5316, 5216)
Timer B2 register (addresses 5516, 5416)
Functions
Bit
At reset
RW
15 to 0 The result of the pulse period or pulse width
measurement is read out.
Un-
defined
0 0: Pulse period measurement
( interval between falling edges of the
measurement pulse)
0 1: Pulse period measurement
Interval between rising edges of the
measurement pulse)
1 0: Pulse width measurement
(
Interval from a falling edge to a rising edge,
and
from a risi ng edge to a falling edge of
the measurement pulse)
1 1: Do not select.
b7
b6
b5
b4
b3
b2
b1
b0
Timer Bi mode register (i = 0 to 2) (addresses 5B16 to 5D16)
Bit
Count source selection bits
Timer Bi overflow flag (Note)
•Timer B0 mode register
Must be fixed to “0.”
3
Measurement mode selection
bits
1
Operating mode selection bits
Bit name
Functions
1 0: Pulse period/pulse width measurement
b1 b0
0: No overflow
1: Overflow
b3 b2
10
7
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b7 b6
At reset
0
0
0
Un-
defined
1
0
0
RW
0
•Timer B1 and B2 mode registers
Not implemented.
0
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: Timer Bi overflow flag is cleared to “0” when writing to the timer Bi mode register is performed with the
count start flag = “1.” This flag cannot be set to “1” by software.
RW
RW
RW
RW
RW
—
RO
RW
RW
RO
0
2
mode
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com