Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 197Page - Renesas Technology Corp 7733 Datasheet HTML 198Page - Renesas Technology Corp 7733 Datasheet HTML 199Page - Renesas Technology Corp 7733 Datasheet HTML 200Page - Renesas Technology Corp 7733 Datasheet HTML 201Page - Renesas Technology Corp 7733 Datasheet HTML 202Page - Renesas Technology Corp 7733 Datasheet HTML 203Page - Renesas Technology Corp 7733 Datasheet HTML 204Page - Renesas Technology Corp 7733 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 940 page
background image
TIMER B
7733 Group User’s Manual
7–38
7.6 Clock timer
7.6.2 Operation of clock timer
Œ When the count start flag is set to “1,” the counter starts counting of the count source.
 When an underflow occurs, the reload register’s contents is reloaded, and then counting is continued.
Ž The timer B2 interrupt request bit is set to “1” when the underflow occurs in .
After this, the interrupt request bit remains set to “1” until the interrupt request is accepted or the
interrupt request bit is cleared to “0” by software.
For example, if f(XCIN) = 32.768 kHz, a timer B2 interrupt request can be issued every second when value
“3FF16” is set into the timer B2 register (addresses 5416 and 5516) and every minute when value “EFFF16”
is set into the register. Figure 7.6.4 shows an operation example of clock timer.
Fig. 7.6.4 Operation example of clock timer
FFFF16
n
000016
Count start flag
Timer B1
interrupt request
bit
“1”
“1”
Cleared to “0” when an interrupt request is accepted; otherwise, cleared by software
Set to “1” by software
“0”
“0”
000016
FFFF16
n
Cleared to “0” by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com