Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 205 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 205 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 201Page - Renesas Technology Corp 7733 Datasheet HTML 202Page - Renesas Technology Corp 7733 Datasheet HTML 203Page - Renesas Technology Corp 7733 Datasheet HTML 204Page - Renesas Technology Corp 7733 Datasheet HTML 205Page - Renesas Technology Corp 7733 Datasheet HTML 206Page - Renesas Technology Corp 7733 Datasheet HTML 207Page - Renesas Technology Corp 7733 Datasheet HTML 208Page - Renesas Technology Corp 7733 Datasheet HTML 209Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–2
The serial I/O consists of 3 channels: UART0, UART1 and UART2. They each have a dedicated timer for
generating a transfer clock and can operate independently.
8.1 Overview
UARTi (i = 0 to 2) has the following two operating modes: clock synchronous serial I/O and clock asynchronous
serial I/O (UART) modes. Except for a few functions in the clock synchronous serial I/O mode, UART0,
UART1 and UART2 have the same functions.
q Clock synchronous serial I/O mode
Transmitter and receiver use the same clock as a transfer clock. Transfer data has a length of 8 bits.
q Clock asynchronous serial I/O (UART) mode
Transfer rate and transfer data format can arbitrarily be set. The transfer data length can be selected
from the following three types: 7 bits, 8 bits, and 9 bits.
Figure 8.1.1 shows the transfer data formats in each operating mode. Table 8.1.1 shows the differences
between UART0, UART1 and UART2.
8.1 Overview
Fig. 8.1.1 Transfer data formats in each operating mode
s
Clock synchronous serial I/O mode
s
UART mode
Transfer data length : 7 bits
Transfer data length : 8 bits
Transfer data length : 9 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com