Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 206 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 206 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 202Page - Renesas Technology Corp 7733 Datasheet HTML 203Page - Renesas Technology Corp 7733 Datasheet HTML 204Page - Renesas Technology Corp 7733 Datasheet HTML 205Page - Renesas Technology Corp 7733 Datasheet HTML 206Page - Renesas Technology Corp 7733 Datasheet HTML 207Page - Renesas Technology Corp 7733 Datasheet HTML 208Page - Renesas Technology Corp 7733 Datasheet HTML 209Page - Renesas Technology Corp 7733 Datasheet HTML 210Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–3
Table 8.1.1 Differences between UART0, UART1 and UART2
Communication
Clock synchronous or
asynchronous (UART)
mode is selectable.
Clock synchronous or
asynchronous (UART)
mode is selectable.
Clock synchronous or
asynchronous (UART)
mode is selectable.
UART0
UART1
UART2
Notes 1: The A-D conversion interrupt and UART2 transmission/reception interrupt share the interrupt
vector addresses and the interrupt control register.
When the UART2 mode is selected by specifying bits 2 to 0 of the UART2 transmit/receive mode
register (address 6416), the A-D conversion interrupt function cannot be used.
2: UART2 is fixed as follows.
• Data output (TxD2 pin): CMOS output
• Polarity of CLK2: Transmit data is output at the falling edge of the transfer clock.
Receive data is input at the rising edge of the transfer clock.
When not transferring, CLK2 pin’s level is “H.”
(Used in the clock synchronous serial I/O mode)
• Transfer format: LSB (the least significant bit) first
8.1 Overview
Multiple
clocks output
function
Available
Not available
Not available
Sleep
function
Available
Available
Not
available
_______
CTS
input/
_______
RTS
output
function
Both functions are
available.
Both functions are
available.
_______
Only CTS input
function is available.
Interrupt
function
•UART0 transmission
•UART0 reception
(2 systems)
•UART1 transmission
•UART1 reception
(2 systems)
•UART2 transmission
/reception (Note 1)
(1 system)
Data output/CLK
polarity/transfer format
select function
Available
Available
Not available
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com