Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 206Page - Renesas Technology Corp 7733 Datasheet HTML 207Page - Renesas Technology Corp 7733 Datasheet HTML 208Page - Renesas Technology Corp 7733 Datasheet HTML 209Page - Renesas Technology Corp 7733 Datasheet HTML 210Page - Renesas Technology Corp 7733 Datasheet HTML 211Page - Renesas Technology Corp 7733 Datasheet HTML 212Page - Renesas Technology Corp 7733 Datasheet HTML 213Page - Renesas Technology Corp 7733 Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–7
(1) Internal/External clock selection bit (bit 3)
q Clock synchronous serial I/O mode
When an internal clock is selected by clearing this bit to “0,” a clock which is specified with the BRG
count source selection bits (bits 1 and 0 at addresses 3416, 3C16 and 6816) becomes the count
source of BRGi (described later). At this time, the BRGi’s output divided by 2 is the transfer clock.
The transfer clock is output from the CLKi pin (Note).
When an external clock is selected by setting this bit to “1,” a clock input to the CLKi pin becomes
the transfer clock.
Note : When selecting an internal clock and performing only transmission in UART0, the number
of the transfer clock output pins varies according to the contents of the transmit clock output
pin selection bits (bits 5 and 4 at address 6E16). (Refer to section “8.3.1 Transfer clock.”)
q UART mode
When an internal clock is selected by clearing this bit to “0,” a clock which is specified with the BRG
count source selection bits (bits 1 and 0 at addresses 3416, 3C16 and 6816) becomes the count
source of the BRGi (described later). At this time, the CLKi pin functions as a programmable I/O
port.
When an external clock is selected by setting this bit to “1,” a clock input to the CLKi pin becomes
the count source of BRGi .
Note that, in the UART mode, the BRGi’s output divided by 16 is always the transfer clock.
BRGi: UARTi baud rate register (Refer to section “8.2.7 UARTi baud rate register (BRGi).”)
8.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com