Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 207Page - Renesas Technology Corp 7733 Datasheet HTML 208Page - Renesas Technology Corp 7733 Datasheet HTML 209Page - Renesas Technology Corp 7733 Datasheet HTML 210Page - Renesas Technology Corp 7733 Datasheet HTML 211Page - Renesas Technology Corp 7733 Datasheet HTML 212Page - Renesas Technology Corp 7733 Datasheet HTML 213Page - Renesas Technology Corp 7733 Datasheet HTML 214Page - Renesas Technology Corp 7733 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 940 page
background image
0: The
SERIAL I/O
7733 Group User’s Manual
8–8
0: At the falling edge of the transfer
clock, transmit data is output; at
the rising edge of the transfer
clock, receive data is input.
When not in transferring, pin
CLKi’s level is “H.”
1: At the rising edge of the transfer
clock, transmit data is output; at
the falling edge of the transfer
clock, receive data is input.
When not in transferring, pin
CLKi’s level is “L.”
0: The CTS/RTS function is enabled.
1: The CTS/RTS function is disabled.
(P80 and P84 function as
programmable I/O ports.)
(Valid when the CTS/RTS enable
bit is “0.”)
2
CTS
/RTS function selection bit
Bit
1
0
BRG count source selection bits
Bit name
At reset
0: Data is present in the transmission
register. (Transmission is in progress.)
1: No data is present in the transmission
register. (Transmission is completed.)
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
UART0 transmit/receive control register 0 (address 3 416)
UART1 transmit/receive control register 0 (address 3C 16)
b1 b0
CTS
function is selected.
1: The RTS function is selected.
4
CTS
/RTS enable bit
3
Transmission register empty flag
0
1
0
0
0
Clocks f2, f16, f64, and f512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: Fix bits 6 and 7 to “0” in the UART mode.
5
Data output selection bit
0: Pin TxDi is set for CMOS output.
1: Pin TxDi is set for N-channel open-
drain output.
0
6
0
7
0: LSB (Least Significant Bit) first
1: MSB (Most Significant Bit) first
0
CLK polarity selection bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note)
Transfer format selection bit
(This bit is used in the clock
synchronous serial I/O mode.)
(Note)
RW
RW
RW
RO
RW
RW
RW
RW
Fig. 8.2.4 Structure of UARTi transmit/receive control register 0 (1)
8.2 Block description
8.2.2 UARTi transmit/receive control register 0
Figures 8.2.4 and 8.2.5 show the structure of UARTi transmit/receive control register 0. For bits 1 and 0,
refer to section “(1) Internal/External clock selection bit” in page 8-7. For bits 7 to 4, refer to the
description of each operating mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com