Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 213 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 213 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 209Page - Renesas Technology Corp 7733 Datasheet HTML 210Page - Renesas Technology Corp 7733 Datasheet HTML 211Page - Renesas Technology Corp 7733 Datasheet HTML 212Page - Renesas Technology Corp 7733 Datasheet HTML 213Page - Renesas Technology Corp 7733 Datasheet HTML 214Page - Renesas Technology Corp 7733 Datasheet HTML 215Page - Renesas Technology Corp 7733 Datasheet HTML 216Page - Renesas Technology Corp 7733 Datasheet HTML 217Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–10
At reset
Bit
Bit name
5
Framing error flag (Notes 1 and 2)
(Valid in the UART mode.)
0
0: No framing error is detected.
1: Framing error is detected.
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
UART0 transmit/receive control register 1 (address 35 16)
UART1 transmit/receive control register 1 (address 3D 16)
UART2 transmit/receive control register 1 (address 69 16)
Notes 1: Bits 4 to 7 are cleared to “0” when the serial I/O mode selection bits (bits 2 to 0 at
addresses 3016, 3816) are cleared to “0002” or when the receive enable bit is cleared
to “0.” (Bit 7 is cleared to “0” when all of bits 4 to 6 are “0.”)
Note also that bits 5 and 6 are cleared to “0” when the low-order byte of the UARTi
receive buffer register (addresses 36 16, 3E16, 6A16) is read out.
2: Bits 5 to 7 are ignored in the clock synchronous serial I/O mode.
0
Transmit enable bit
0
0: Transmission is disabled.
1: Transmission is enabled.
1
Transmission buffer empty flag
1
0: Data is present in the transmission
buffer register.
1: No data is present in the
transmission buffer register.
2
Receive enable bit
0
0: Reception is disabled.
1: Reception is enabled.
3
Receive completion flag
0
0: No data is present in the receive
buffer register.
1: Data is present in the receive
buffer register.
4
Overrun error flag (Note 1)
0
0: No overrun error is detected.
1: Overrun error is detected.
6
Parity error flag (Notes 1 and 2)
(Valid in the UART mode.)
0
0: No parity error is detected.
1: Parity error is detected.
7
Error sum flag (Notes 1 and 2)
(Valid in the UART mode.)
0
0: No error is detected.
1: Error is detected.
RW
RO
RW
RO
RO
RO
RO
RO
8.2 Block description
8.2.3 UARTi transmit/receive control register 1
Figure 8.2.6 shows the structure of UARTi transmit/receive control register 1. For bits 7 to 4, refer to the
description of each operating mode.
Fig. 8.2.6 Structure of UARTi transmit/receive control register 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com