Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 205Page - Renesas Technology Corp 7733 Datasheet HTML 206Page - Renesas Technology Corp 7733 Datasheet HTML 207Page - Renesas Technology Corp 7733 Datasheet HTML 208Page - Renesas Technology Corp 7733 Datasheet HTML 209Page - Renesas Technology Corp 7733 Datasheet HTML 210Page - Renesas Technology Corp 7733 Datasheet HTML 211Page - Renesas Technology Corp 7733 Datasheet HTML 212Page - Renesas Technology Corp 7733 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 940 page
background image
In the clock synchronous serial I/O mode, bits 4 to 6 are ignored. (They may be “0” or “1.”)
SERIAL I/O
7733 Group User’s Manual
8–6
Bit
Not implemented.
Parity enable bit
(Valid in the UART mode.) (Note 2)
Odd/Even Parity selection bit
(Valid in the UART mode when the
parity enable bit = “1”.)
(Note 2)
4
(Valid in the UART mode.) (Note 2)
Internal/External clock selection
bit
2
1
Serial I/O mode selection bits
(Note 1)
Bit name
At reset
Un-
defined
0
0
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
0 0 0: Serial I/O is ignored.
(P7 functions as a
programmable I/O port)
0 0 1: Clock synchronous serial I/O
mode
0 1 0:
0 1 1:
1 0 0: UART mode
(Transfer data length = 7 bits)
1 0 1: UART mode
(Transfer data length = 8 bits)
1 1 0: UART mode
(Transfer data length = 9 bits)
1 1 1: Do not select.
UART2 transmit/receive mode register (address 64 16)
Notes 1: By specifying these bits, an A-D conversion interrupt or a UART2 transmit/receive interrupt
is selected.
When bits 2 to 0 = “0002,” an A-D conversion interrupt is selected. When bits 2 to 0 = “001 2”
or “1002 to 1112,” a UART2 transmit/receive interrupt is selected.
2:
b2 b1 b0
0: Odd parity
1: Even parity
0: Parity is disabled.
1: Parity is enabled.
0: Internal clock
1: External clock
0: One stop bit
1: Two stop bits
RW
RW
RW
RW
RW
RW
RW
Do not select.
—
8.2 Block description
Fig. 8.2.3 Structure of UARTi transmit/receive mode register (2)
0
Stop bit length selection bit
5
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com