Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 213Page - Renesas Technology Corp 7733 Datasheet HTML 214Page - Renesas Technology Corp 7733 Datasheet HTML 215Page - Renesas Technology Corp 7733 Datasheet HTML 216Page - Renesas Technology Corp 7733 Datasheet HTML 217Page - Renesas Technology Corp 7733 Datasheet HTML 218Page - Renesas Technology Corp 7733 Datasheet HTML 219Page - Renesas Technology Corp 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–14
Transmit data is set into the UARTi transmission buffer register.
When the microcomputer operates in the clock synchronous serial I/O mode or when 7-bit or 8-bit length
is selected as the transfer data’s length in the UART mode, the transmit data is set into the low-order byte
of this register. When 9-bit length is selected as the transfer data’s length in the UART mode, the transmit
data is set into the UARTi transmission buffer register as follows.
q Bit 8 of the transmit data is set into bit 0 of the high-order byte of the UARTi transmission buffer register.
q Bits 7 to 0 of the transmit data are set into the low-order byte of the UARTi transmission buffer register.
When transmit conditions are satisfied, the transmit data which is set in the UARTi transmission buffer
register is transferred to the UARTi transmission register, and then it is output from the TxDi pin synchronously
with the transfer clock. The UARTi transmission buffer register becomes empty when data which is set in
this register is transferred to the UARTi transmission register, so the next transmit data can be set.
When the “MSB first” is selected in the clock synchronous serial I/O mode, bit position of set data is
reversed, and then this data is written into the UARTi transmission buffer register as the transmit data.
(Refer to section “8.3.2 Transfer data format.”) Transmit operation itself is the same whichever format is
selected, “LSB first” or “MSB first.”
When quitting the transmission which is in progress and setting the UARTi transmission buffer register
again, follow the procedure described below.
Œ Clear the serial I/O mode selection bits (bits 2 to 0 at addresses 3016, 3816 and 6416) to “0002.”
(Serial I/O is ignored.)
 Set the serial I/O mode selection bits again.
Ž Set the transmit enable bit (bit 0 at addresses 3516, 3D16 and 6916) to “1” (in other words, transmission
is enabled.) and set the transmit data into the UARTi transmission buffer register.
8.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com