Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 218 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 218 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 214Page - Renesas Technology Corp 7733 Datasheet HTML 215Page - Renesas Technology Corp 7733 Datasheet HTML 216Page - Renesas Technology Corp 7733 Datasheet HTML 217Page - Renesas Technology Corp 7733 Datasheet HTML 218Page - Renesas Technology Corp 7733 Datasheet HTML 219Page - Renesas Technology Corp 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–15
8.2.6 UARTi receive register and UARTi receive buffer register
Figure 8.2.10 shows the block diagram for the receiver. Figure 8.2.11 shows the structure of the UARTi
receive buffer register.
Fig. 8.2.10 Block diagram for receiver
8.2 Block description
Fig. 8.2.11 Structure of UARTi receive buffer register
b7
b0
(b15)
(b8)
b7
b0
UART0 receive buffer register (addresses 37 16, 3616)
UART1 receive buffer register (addresses 3F 16, 3E16)
UART2 receive buffer register (addresses 6B 16, 6A16)
Bit
Not implemented.
A value of “0” is read out from here.
The receive data is read out from here.
At reset
0
Un-
defined
RW
Functions
8 to 0
15 to 9
RO
—
Clock sync.
SP
SP
PAR
2SP
1SP
UART
0
0
0
0
0
0
0
RxDi
D8
D7
D6
D5
D4
D3
D2
D1
D0
SP : Stop bit
PAR : Parity bit
8-bit UART
9-bit UART
7-bit UART
9-bit UART
Clock sync.
Clock sync.
7-bit UART
8-bit UART
Data bus (even)
Data bus (odd)
Bit converter
UARTi receive register
Parity
enabled
Parity
disabled
UARTi receive
buffer register
(Note)
Note: The bit converter is not assigned for UART2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com