Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 215Page - Renesas Technology Corp 7733 Datasheet HTML 216Page - Renesas Technology Corp 7733 Datasheet HTML 217Page - Renesas Technology Corp 7733 Datasheet HTML 218Page - Renesas Technology Corp 7733 Datasheet HTML 219Page - Renesas Technology Corp 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp 7733 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–16
b7
b0
b7
b0
0
000
000
0
000
000
0
000
000
Receive data (9 bits)
Receive data (8 bits)
Receive data (7 bits)
<UART mode>
(Transfer data length : 9 bits)
<Clock synchronous serial I/O mode>
During UART mode
(Transfer data length : 8 bits)
During UART mode
(Transfer data length : 7 bits)
Same value as bit
7 in low-order byte
Same value as bit
6 in low-order byte
High-order byte
(addresses 37 16, 3F16, 6B16)
Low-order byte
(addresses 36 16, 3E16, 6A16)
The UARTi receive register is used to convert serial data, which is input from the RxDi pin, into parallel
data. This register takes a signal which is input from the RxDi pin by the 1 bit synchronously with the
transfer clock.
The UARTi receive buffer register is used to read receive data. When reception is completed, the receive
data which is taken into the UARTi receive register is automatically transferred to the UARTi receive buffer
register. Note that the contents of the UARTi receive buffer register is updated when the next data is ready
in the UARTi receive register before data which has been transferred to the UARTi receive buffer register
is read out (in other words, when an overrun error occurs).
When “MSB first” is selected in the clock synchronous serial I/O mode, bit position of data in the UARTi
receive buffer register is reversed, and then this data is read out as the receive data. (Refer to section
“8.3.2 Transfer data format.”) Receive operation itself is the same whichever format is selected, “LSB
first” or “MSB first.”
The UARTi receive buffer register is initialized when the receive enable bit (bit 2 at addresses 3516, 3D16
and 6916) is set to “1” after clearing it to “0.”
Figure 8.2.12 shows the contents of the UARTi receive buffer register when reception is completed.
Fig. 8.2.12 Contents of UARTi receive buffer register when reception is completed
8.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com