Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 218Page - Renesas Technology Corp 7733 Datasheet HTML 219Page - Renesas Technology Corp 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp 7733 Datasheet HTML 223Page - Renesas Technology Corp 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–19
(1) Interrupt priority level selection bits (bits 2 to 0)
These bits are used to select the priority level of the UARTi transmission interrupt or UARTi reception
interrupt. When using the UARTi transmission/reception interrupt, select one of priority levels 1 to 7.
When a UARTi transmission/reception interrupt request occurs, its priority level is compared with the
processor interrupt priority level (IPL) and the requested interrupt is enabled only when its priority level
is higher than the IPL. (Note that this is applied when the interrupt disable flag (I) = “0.”) When these
bits are set to “0002” (level 0), the UARTi transmission/reception interrupt is disabled.
(2) Interrupt request bit (bit 3)
The UARTi transmission interrupt request bit is set to “1” when data is transferred from the UARTi
transmission buffer register to the UARTi transmission register.
The UARTi reception interrupt request bit is set to “1” when data is transferred from the UARTi receive
register to the UARTi receive buffer register. Note that these bits do not change when an overrun error
occurs.
When each interrupt request is accepted, the corresponding interrupt request bit is automatically
cleared to “0.” Note that each bit can be set to “1” or cleared to “0” by software.
8.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com