Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 224 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 224 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 220Page - Renesas Technology Corp 7733 Datasheet HTML 221Page - Renesas Technology Corp 7733 Datasheet HTML 222Page - Renesas Technology Corp 7733 Datasheet HTML 223Page - Renesas Technology Corp 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–21
____
Note: The RTS function is not assigned for UART2.
Table 8.3.2 Functions of I/O pins in clock synchronous serial I/O mode
8.3 Clock synchronous serial I/O mode
Table 8.3.1 lists the performance overview in the clock synchronous serial I/O mode and Table 8.3.2 lists
the functions of I/O pins in this mode.
Table 8.3.1 Performance overview in clock synchronous serial I/O mode
Item
Transfer data format
Transfer rate
Transmit/Receive control
Functions
Transfer data has a length of 8 bits.
LSB first or MSB first is selected by software.
BRGi’s output divided by 2
Maximum of 5 Mbps
____
____
CTS
function or RTS function is selected by software (Note).
When internal clock is selected
When external clock is selected
Pin name
TxDi
(P83, P87, P75)
RxDi
(P82, P86, P74)
CLKi
(P81, P85, P73)
_________ _________
CTS0
/RTS0 (P80),
_________ _________
CTS1
/RTS1 (P84)
(Note 1)
_________
CTS2
(P72)
Functions
Serial data output
Serial data input
Transfer clock output
Transfer clock input
____
CTS
input
____
RTS
output
Programmable I/O port
____
CTS
input
Programmable I/O port
Method of selection
(They output dummy data when only reception is performed.)
Ports P7 and P8 direction registers’ corresponding bits =“0”
(They can be used as input ports when only transmission is
performed.)
Internal/External clock selection bit = “0”
Internal/External clock selection bit = “1”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “0”
____ ____
CTS
/RTS enable bit = “0”
____ ____
CTS
/RTS function selection bit = “1”
____ ____
CTS
/RTS enable bit = “1”
____
CTS
enable bit = “0”
____
CTS
enable bit = “1”
Port P7 direction register: Address 1116
Port P8 direction register: Address 1416
Internal/External clock selection bit: Bit 3 at addresses 3016, 3816, and 6416
____ ____
CTS
/RTS enable bit: Bit 4 at addresses 3416 and 3C16
____ ____
CTS
/RTS function selection bit: Bit 2 at addresses 3416 and 3C16
____
CTS
enable bit: Bit 2 at address 6816
g The TxDi pin outputs “H” level from when a UARTi’s operating mode is selected until transfer starts.
(The TxDi pin is in a floating state when N-channel open-drain output is selected.)
g In UART0, multiple transfer clock output pins can be used. (Refer to Table 8.3.3.)
____
Notes 1: The RTS function is not assigned for UART2.
2: As for CLKS0 and CLKS1, refer to section “8.3.1 (4) Number of transfer clock output pins
(UART0).”
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com