Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 224Page - Renesas Technology Corp 7733 Datasheet HTML 225Page - Renesas Technology Corp 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp 7733 Datasheet HTML 229Page - Renesas Technology Corp 7733 Datasheet HTML 230Page - Renesas Technology Corp 7733 Datasheet HTML 231Page - Renesas Technology Corp 7733 Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–25
[Switching of transfer clock output pin]
When the transfer clock output pin is switched while transmission is enabled, follow the procedure described
below. Transmission starts when step Ž is executed:
Œ Check whether the previous transfer is completed or not. (Refer to Figure 8.3.6.)
 If the previous transfer has been completed, change the contents of the transmit clock output pin
selection bit.
Ž Set the transmit data.
For usage examples, refer to section “17.2.2 Examples of transmission for several peripheral ICs
(Clock synchronous serial I/O mode).”
Table 8.3.4 Number of channels for serial I/O transmission/reception for the case where multiple
transfer clock output pins are used
Pin
____
____
CTS0
/RTS0/CLKS1 (P80)
CLK0 (P81)
RxD0/CLKS0 (P82)
TxD0 (P83)
•Number of channels for
serial I/O transmission/
reception
•Status of transmit clock
output pin selection bits
(b5, b4)
Setting example
Ž
Outputs transfer clock.
Outputs transfer clock.
Receives data.
Transmits data.
1 channel for transmission
CLKS1
TxD0
1 channel for
transmission/reception
CLK0
RxD0
TxD0

Programmable I/O port
Outputs transfer clock.
Outputs transfer clock.
Transmits data.
2 channels for transmission
CLK0
TxD0
CLKS0
TxD0
Œ
Outputs transfer clock.
Outputs transfer clock.
Outputs transfer clock.
Transmits data.
3 channels for transmission
CLKS1
TxD0
CLK0
TxD0
CLKS0
TxD0
(1, 1)
(0, 1)
(1, 0)
(0, 1)
(1, 0)
(1, 1)
(0, 1)
Note: Set bit 2 at address 1416 (port P8 direction register) to “0.”
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com