Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 226Page - Renesas Technology Corp 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp 7733 Datasheet HTML 229Page - Renesas Technology Corp 7733 Datasheet HTML 230Page - Renesas Technology Corp 7733 Datasheet HTML 231Page - Renesas Technology Corp 7733 Datasheet HTML 232Page - Renesas Technology Corp 7733 Datasheet HTML 233Page - Renesas Technology Corp 7733 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–27
8.3.3 Method of transmission
Figures 8.3.3 and 8.3.4 show initial setting examples for related registers when transmitting. Transmission
is started when all of the following conditions (Œ to Ž) are satisfied. When an external clock is selected,
satisfy conditions Œ to Ž with the following preconditions satisfied.
[Preconditions for UART0 and UART1]
• The CLKi pin’s input is at “H” level.
(When an external clock is selected and the CLK polarity selection bit = “0.”)
• The CLKi pin’s input is at “L” level.
(When an external clock is selected and the CLK polarity selection bit = “1.”)
Note: When an internal clock is selected, the above preconditions are ignored.
[Preconditions for UART2]
• The CLKi pin’s input is at “H” level.
(When an external clock is selected)
Note: When an internal clock is selected, the above precondition is ignored.
Œ Transmit enable state (transmit enable bit = “1”)
 Transmit data is present in the UARTi transmission buffer register (transmission buffer empty flag =
“0”).
_____
____
Ž The CTSi pin’s input is at “L” level (when the CTS function is selected)
____
Note: When the CTS function is not selected or in UART2, this condition is ignored.
____
____
By connecting the RTSi pin (receiver side) and CTSi pin (transmitter side), the timing of transmission and
that of reception can be matched (UART0, UART1). For details, refer to section “8.3.6 Receive operation.”
When using interrupts, settings for enabling interrupts are required. For details, refer to chapter “4.
Interrupts.”
Figure 8.3.5 shows how to write data after transmission is started and Figure 8.3.6 shows how to detect
the transmit completion.
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com