Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 227Page - Renesas Technology Corp 7733 Datasheet HTML 228Page - Renesas Technology Corp 7733 Datasheet HTML 229Page - Renesas Technology Corp 7733 Datasheet HTML 230Page - Renesas Technology Corp 7733 Datasheet HTML 231Page - Renesas Technology Corp 7733 Datasheet HTML 232Page - Renesas Technology Corp 7733 Datasheet HTML 233Page - Renesas Technology Corp 7733 Datasheet HTML 234Page - Renesas Technology Corp 7733 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–28
Multiple transfer clock output pins can be selected
when performing only transmission with an internal
clock selected in UART0.
In this case, the CTS function cannot be used.
0 0: One transfer clock output pin
0 1:
1 0:
Multiple transfer clock output pins
1 1:
The CTS / RTS function selection bit is valid
when the CTS / RTS enable bit = “0.”
Note 2:
1
0
0
0
UART0 transmit/receive mode register (address 30 16)
UART1 transmit/receive mode register (address 38 16)
UART2 transmit/receive mode register (address 64 16)
b7
b0
Internal/External clock selection bit
0: Internal clock
1: External clock
: It may be “0” or “1.”
!
!!
!
Clock synchronous serial I/O mode
g
Continued to
“Initial setting example for related registers when transmitting (2)”
on the next page
UART0 transmit/receive control register 0 (address 34 16)
UART1 transmit/receive control register 0 (address 3C 16)
b7
b0
BRG count source selection bits
CTS
/ RTS function selection bit (Note 2)
0: The CTS function is selected.
1: The RTS function is selected. (CTS function is disabled.)
CTS
/ RTS enable bit
0: The CTS / RTS function is enabled.
1: The CTS / RTS function is disabled.
Data output selection bit
0: TXDi pin is set for CMOS output.
1: TXDi pin is set for N-channel open-drain output.
CLK polarity selection bit
0: At the falling edge of the transfer clock, transmit data is output.
1: At the rising edge of the transfer clock, transmit data is output.
Transfer format selection bit
0: LSB first
1: MSB first
Clocks f 2, f 16, f 64, and f 512: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1 b0
b7
b0
Transmission clock output pin selection bits
Serial transmit control register (address 6E 16)
b5 b4
UART2 transmit/receive control register 0 (address 68 16)
b7
b0
BRG count source selection bits
CTS
enable bit
0: The CTS function is enabled.
1: The CTS function is disabled (I/O port).
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1 b0
Note 1: Nothing is implemented to bit 7 of UART2 transmit/receive mode register.
Fig. 8.3.3 Initial setting example for related registers when transmitting (1)
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com