Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 231Page - Renesas Technology Corp 7733 Datasheet HTML 232Page - Renesas Technology Corp 7733 Datasheet HTML 233Page - Renesas Technology Corp 7733 Datasheet HTML 234Page - Renesas Technology Corp 7733 Datasheet HTML 235Page - Renesas Technology Corp 7733 Datasheet HTML 236Page - Renesas Technology Corp 7733 Datasheet HTML 237Page - Renesas Technology Corp 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–32
8.3.4 Transmit operation
When the transmit conditions described in section “8.3.3 Method of transmission” are satisfied while an
internal clock is selected, the transfer clock is generated. And then, the following operations are automatically
performed after one cycle of the transfer clock has passed.
When the transmit conditions are satisfied and the external clock is input to the CLKi pin while the external
clock is selected, the following operations are automatically performed.
q The UARTi transmission buffer register’s contents is transferred to the UARTi transmission register.
q The transmission buffer empty flag is set to “1.”
q The transmission register empty flag is cleared to “0.”
q A UARTi transmission interrupt request occurs and the interrupt request bit is set to “1.”
q Eight transfer clocks are generated (when an internal clock is selected).
The transmit operation is described below.
Œ Data in the UARTi transmission register is transmitted from the TxDi pin synchronously with the valid
edgeg of the CLKi pin’s clock.
 This data is transmitted bit by bit sequentially beginning with the least significant bit (LSB).
Ž When one byte of data has been transmitted, the transmission register empty flag is set to “1.” This
indicates the completion of transmission.
Valid edgeg: In UART0 and UART1, this means the falling edge when the CLK polarity selection bit = “0”
and the rising edge when the CLK polarity selection bit = “1”; in UART2, this means the
rising edge.
Figure 8.3.7 shows the transmit operation.
When an internal clock is selected, if the transmit conditions for the next data are satisfied at completion
of transmission, the next transfer clock is generated immediately. Accordingly, when performing transmission
in succession, set the next transmit data to the UARTi transmission buffer register during transmission
(when the transmission register empty flag = “0”). When the transmit conditions for the next data are not
satisfied, the transfer clock stops at “H” level when the CLK polarity selection bit = “0,” and it stops at “L”
level when the CLK polarity selection bit = “1.”
____
Figure 8.3.8 shows an example of transmit timing (when an internal clock and the CTS function are
selected).
4
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com