Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 229Page - Renesas Technology Corp 7733 Datasheet HTML 230Page - Renesas Technology Corp 7733 Datasheet HTML 231Page - Renesas Technology Corp 7733 Datasheet HTML 232Page - Renesas Technology Corp 7733 Datasheet HTML 233Page - Renesas Technology Corp 7733 Datasheet HTML 234Page - Renesas Technology Corp 7733 Datasheet HTML 235Page - Renesas Technology Corp 7733 Datasheet HTML 236Page - Renesas Technology Corp 7733 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–30
[When not using interrupts]
[When using interrupts]
A UARTi transmission interrupt request
occurs when the UARTi transmission
buffer register becomes empty.
UARTi transmission interrupt
g
UART0 transmission buffer register (address 32 16)
UART1 transmission buffer register (address 3A 16)
UART2 transmission buffer register (address 66 16)
b7
b0
Writing of next transmit data
Transmit data is set here.
UART0 transmit/receive control register 1 (address 35 16)
UART1 transmit/receive control register 1 (address 3D 16)
UART2 transmit/receive control register 1 (address 69 16)
b7
Transmission buffer empty flag
0: Data is present in the transmission buffer register.
1: No data is present in the transmission buffer register.
(Next transmit data can be written.)
Checking status of the UARTi transmission buffer register
1
This diagram indicates bits and registers required
for processing.
Refer to Figure 8.3.8 for details about the change
of flag status and the occurrence timing of an
interrupt request.
b0
Fig. 8.3.5 How to write data after transmission is started
8.3 Clock synchronous serial I/O mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com