Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 233Page - Renesas Technology Corp 7733 Datasheet HTML 234Page - Renesas Technology Corp 7733 Datasheet HTML 235Page - Renesas Technology Corp 7733 Datasheet HTML 236Page - Renesas Technology Corp 7733 Datasheet HTML 237Page - Renesas Technology Corp 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp 7733 Datasheet HTML 240Page - Renesas Technology Corp 7733 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–34
8.3 Clock synchronous serial I/O mode
____
Fig. 8.3.9 Example of transmit timing (when internal clock is selected and CTS function is not selected)
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Tc
TCLK
CLKi
TENDi
TxDi
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
D7
D0 D1 D2 D3
D4 D5 D6
Data is set in UARTi transmission buffer register.
Transmit enable bit
Transmission buffer
empty flag
Transfer clock
UARTi transmission register
←UARTi transmission buffer register
The above timing diagram is applied when
the following conditions are satisfied:
Internal clock is selected.
CTS
function is not selected.
CLK polarity selection bit = “0.”
TENDi: Next transmit conditions are checked when this signal level becomes “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
Tc = TCLK = 2(n+1)/fi
fi: BRGi’s count source frequency (f2, f16, f64, or f512)
n: Value set to BRGi
UARTi transmit
interrupt request bit
Cleared to “0” when an interrupt request is accepted; otherwise,
cleared by software.
Transmission register
empty flag
Stopped because transmit enable bit = “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com