Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 235Page - Renesas Technology Corp 7733 Datasheet HTML 236Page - Renesas Technology Corp 7733 Datasheet HTML 237Page - Renesas Technology Corp 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp 7733 Datasheet HTML 240Page - Renesas Technology Corp 7733 Datasheet HTML 241Page - Renesas Technology Corp 7733 Datasheet HTML 242Page - Renesas Technology Corp 7733 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–36
8.3 Clock synchronous serial I/O mode
g Necessary only when an internal clock is selected.
UART0 baud rate register (BRG0) (address 31 16)
UART1 baud rate register (BRG1) (address 39 16)
UART2 baud rate register (BRG2) (address 65 16)
b7
b0
A value from 0016 to FF16 is set.
Notes 2: The CTS / RTS function selection bit is valid
when the CTS / RTS enable bit = “0.”
The RTS function is ignored when an internal
clock is selected.
3: The RTS output function is not assigned for UART2.
1
0
0
0
UART0 transmit/receive mode register (address 30 16)
UART1 transmit/receive mode register (address 38 16)
UART2 transmit/receive mode register (address 64 16)
b7
b0
Internal/External clock selection bit
0: Internal clock
1: External clock
: It may be “0” or “1.”
!
!
!
!
Clock synchronous serial I/O mode
Continued to
“Initial setting example for related registers when receiving (2)”
on the next page
UART0 transmit/receive control register 0 (address 34 16)
UART1 transmit/receive control register 0 (address 3C 16)
b7
b0
BRG count source selection bits
CTS
/ RTS function selection bit (Note 2)
0: The CTS function is selected. (The RTS function is disabled.)
1: The RTS function is selected.
CTS
/ RTS enable bit
0: The CTS
/ RTS function is enabled.
1: The CTS
/ RTS function is disabled.
CLK polarity selection bit
0: The receive data is input at the rising edge of the transfer clock.
1: The receive data is input at the falling edge of the transfer clock.
Transfer format selection bit
0: LSB first
1: MSB first
Clocks f2 , f16, f64, and f512 : Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1b0
Notes 1: Nothing is implemented to bit 7 of the UART2 transmit/receive
mode register.
UART2 transmit/receive control register 0 (address 68 16)
b7
b0
BRG count source selection bits
CTS
enable bit
0: The CTS function is enabled.
1: The CTS function is disabled (I/O port).
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1b0
Fig. 8.3.10 Initial setting example for related registers when receiving (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com