Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 238Page - Renesas Technology Corp 7733 Datasheet HTML 239Page - Renesas Technology Corp 7733 Datasheet HTML 240Page - Renesas Technology Corp 7733 Datasheet HTML 241Page - Renesas Technology Corp 7733 Datasheet HTML 242Page - Renesas Technology Corp 7733 Datasheet HTML 243Page - Renesas Technology Corp 7733 Datasheet HTML 244Page - Renesas Technology Corp 7733 Datasheet HTML 245Page - Renesas Technology Corp 7733 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–39
8.3 Clock synchronous serial I/O mode
8.3.6 Receive operation
When the receive conditions described in section “8.3.5 Method of reception” are satisfied while an
internal clock is selected, the transfer clock is generated. And then, the receive is started after one cycle
of the transfer clock has passed.
When the receive conditions are satisfied while the external clock is selected, UARTi is in the reception
enabled state. Then, the external clock is input to the CLKi pin and reception is started.
____
_____
In UART0 and UART1, when the RTS function is selected with an external clock selected, the RTSi pin’s
output level is “L,” and the microcomputer informs the transmitter side that reception is enabled. When
____
____
____
reception is started, the RTSi pin’s output level is “H.” Accordingly, by connecting the RTSi pin to the CTSi
pin of the transmitter side, the timing of transmission and that of reception can be matched.
____
_____
When an internal clock is selected, do not use the RTS function because the RTSi output is undefined.
Figure 8.3.13 shows a connection example.
____
The RTS output function is not assigned for UART2.
The receive operation is described below.
Œ The signal which is input from the RxDi pin is taken in the most significant bit of the UARTi receive
register synchronously with the valid edgeg of the clock which is output from the CLKi pin or input to
the CLKi pin.
 The contents of the UARTi receive register is shifted by 1 bit to the right.
Ž Operations Œ and  are repeated at each valid edge of the clock which is output from the CLKi pin or
input to the CLKi pin.
 When one byte of data is prepared in the UARTi receive register, the contents of this register is
transferred to the UARTi receive buffer register.
 Simultaneously with , the receive completion flag is set to “1.” At this time, a receive interrupt request
occurs, and then an interrupt request bit is set to “1.”
Valid edgeg : In UART0 and UART1, this means the rising edge when the CLK polarity selection bit = “0”
and the falling edge when the CLK polarity selection bit = “1”; in UART2, this means the rising
edge.
The receive completion flag is cleared to “0” when the low-order byte of the UARTi receive buffer register
____
is read out. The RTSi pin continues to output “H” level until the receive conditions are next satisfied (when
____
the RTS function is selected). Figure 8.3.14 shows the receive operation and Figure 8.3.15 shows an
example of receive timing (when an external clock is selected).
When the contents of the UARTi receive buffer register is read out with the transfer format selection bit
= “1” (MSB first), each bit’s position of this register’s contents is reversed and the resultant data is read
out (UART0, UART1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com