Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 242Page - Renesas Technology Corp 7733 Datasheet HTML 243Page - Renesas Technology Corp 7733 Datasheet HTML 244Page - Renesas Technology Corp 7733 Datasheet HTML 245Page - Renesas Technology Corp 7733 Datasheet HTML 246Page - Renesas Technology Corp 7733 Datasheet HTML 247Page - Renesas Technology Corp 7733 Datasheet HTML 248Page - Renesas Technology Corp 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–43
8.3 Clock synchronous serial I/O mode
8.3.8 Precautions for clock synchronous serial I/O
1. The transfer clock is generated by the operation of the transmit control circuit. Accordingly, even when
performing only reception, the transmit operation (setting for transmission) must be performed. In this
case, dummy data is output from the TxDi pin to the external.
2. When an internal clock is selected during reception, the transfer clock is generated if the following
conditions are satisfied:
•The transmit enable bit is set to “1.” (Transmission is enabled.)
•Dummy data is set to the UARTi transmission buffer register.
When an external clock is selected during reception, the transfer clock is generated if the following
conditions are satisfied:
•The transmit enable bit is set to “1.”
•A clock is input to the CLKi pin after dummy data is set to the UARTi transmission buffer register.
3. When an external clock is selected, make sure that the following conditions are satisfied with the CLKi
pin’s input level = “H” if the CLK polarity selection bit = “0” or with the CLKi pin’s input level = “L” if the
CLK polarity selection bit = “1”:
[At transmitting]
Œ Set the transmit enable bit to “1.”
 Write the transmit data to the UARTi transmission buffer register.
_____
____
Ž Input “L” level to the CTSi pin (when CTS function is selected).
[At receiving]
Œ Set the receive enable bit to “1.”
 Set the transmit enable bit to “1.”
Ž Write dummy data to the UARTi transmission buffer register.
4. When receiving data in succession, set dummy data to the low-order byte of the UARTi transmission
buffer register each time when 1-byte data is received.
5. For performing the transmission and the reception simultaneously, UART2 does not distinguish the
transmission interrupt from the reception interrupt. The UART2 transmission/reception interrupt request
occurs when either interrupt request occurs. Accordingly, in the system which performs the transmission
and reception simultaneously for UART2, not use the UART2 transmission/reception interrupt but use
the method of poling the transmission buffer empty flag and the receive completion flag by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com