Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 246Page - Renesas Technology Corp 7733 Datasheet HTML 247Page - Renesas Technology Corp 7733 Datasheet HTML 248Page - Renesas Technology Corp 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp 7733 Datasheet HTML 251Page - Renesas Technology Corp 7733 Datasheet HTML 252Page - Renesas Technology Corp 7733 Datasheet HTML 253Page - Renesas Technology Corp 7733 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–47
8.4 Clock asynchronous serial I/O (UART) mode
8.4.2 Transfer data format
The transfer data format can be selected from three formats shown in Figure 8.4.1. By setting bits 6 to 4
at addresses 3016, 3816 and 6416, the transfer data format can be selected. (Refer to Figures 8.2.2 and
8.2.3.) Be sure to set the same transfer data format for both transmitter and receiver sides.
Figure 8.4.2 shows an example of transfer data format. Table 8.4.6 lists each bit in transmit data.
When transfer data has a length of 7 bits
1ST-7DATA
1SP
1ST-7DATA
2SP
1ST-7DATA-1PAR- 1SP
1ST-7DATA-1PAR- 2SP
When transfer data has a length of 8 bits
1ST-8DATA
1SP
1ST-8DATA
2SP
1ST-8DATA-1PAR- 1SP
1ST-8DATA-1PAR- 2SP
When transfer data has a length of 9 bits
1ST-9DATA
1SP
1ST-9DATA
2SP
1ST-9DATA-1PAR- 1SP
1ST-9DATA-1PAR- 2SP
ST
: Start bit
DATA : Character bit (transfer data)
PAR
: Parity bit
SP
: Stop bit
Fig. 8.4.1 Transfer data format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com