Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 245Page - Renesas Technology Corp 7733 Datasheet HTML 246Page - Renesas Technology Corp 7733 Datasheet HTML 247Page - Renesas Technology Corp 7733 Datasheet HTML 248Page - Renesas Technology Corp 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp 7733 Datasheet HTML 251Page - Renesas Technology Corp 7733 Datasheet HTML 252Page - Renesas Technology Corp 7733 Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–46
8.4 Clock asynchronous serial I/O (UART) mode
Table 8.4.3 Example of baud rate setting (1)
System clock: 19.6608 MHz
System clock: 14.7456 MHz
Baud rate
(bps)
300
600
1200
2400
4800
9600
19200
38400
57600
115200
BRGi’s
countsource
f16
f16
f16
f2
f2
f2
f2
f2
f2
f2
BRGi’s set value: n
191 (BF16)
95 (5F16)
47 (2F16)
191 (BF16)
95 (5F16)
47 (2F16)
23 (1716)
11 (0B16)
7 (0716)
3 (0316)
Actual time (bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
19200.00
38400.00
57600.00
115200.00
BRGi’s set value: n
255 (FF16)
127 (7F16)
63 (3F16)
255 (FF16)
127 (7F16)
63 (3F16)
31 (1F16)
15 (F16)
Actual time (bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
19200.00
38400.00
System clock, and clocks f2, f16: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: This is applied when the system clock selection bit (bit 3 at address 6C16) = “0.”
For details, refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Table 8.4.4 Example of baud rate setting (2)
System clock: 25 MHz
System clock: 24.576 MHz
Baud rate
(bps)
300
600
1200
2400
4800
9600
14400
19200
31250
BRGi’s
countsource
f64
f16
f16
f16
f2
f2
f2
f2
f2
BRGi’s set value: n
79 (4F16)
159 (9F16)
79 (4F16)
39 (2716)
159 (9F16)
79 (4F16)
52 (3416)
39 (2716)
Actual time (bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
14490.57
19200.00
BRGi’s set value: n
80 (5016)
162 (A216)
80 (5016)
40 (2816)
162 (A216)
80 (5016)
53 (3516)
40 (2816)
24 (1816)
Actual time (bps)
301.41
599.12
1205.63
2381.86
4792.94
9645.06
14467.59
19054.88
31250.00
System clock, and clocks f2, f16, f64: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: This is applied when the system clock selection bit (bit 3 at address 6C16) = “0.”
For details, refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Table 8.4.5 Example of baud rate setting (3)
System clock: 12 MHz
System clock: 11.0592 MHz
Baud rate
(bps)
300
600
1200
2400
4800
9600
14400
19200
28800
31250
BRGi’s
countsource
f16
f16
f16
f2
f2
f2
f2
f2
f2
f2
BRGi’s set value: n
143 (8F16)
71 (4716)
35 (2316)
143 (8F16)
71 (4716)
35 (2316)
24 (1816)
17 (1116)
12 (0C16)
Actual time (bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
14400.00
19200.00
28800.00
BRGi’s set value: n
155 (9B16)
77 (4D16)
38 (2616)
155 (9B16)
77 (4D16)
38 (2616)
26 (1A16)
13 (0D16)
11 (0B16)
Actual time (bps)
300.48
600.96
1201.92
2403.85
4807.69
9615.38
14423.08
28846.15
31250.00
System clock, and clocks f2, f16: Refer to chapter “14. CLOCK GENERATING CIRCUIT.”
Note: This is applied when the system clock selection bit (bit 3 at address 6C16) = “0.”
For details, refer to chapter “14. CLOCK GENERATING CIRCUIT.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com