Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 248Page - Renesas Technology Corp 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp 7733 Datasheet HTML 251Page - Renesas Technology Corp 7733 Datasheet HTML 252Page - Renesas Technology Corp 7733 Datasheet HTML 253Page - Renesas Technology Corp 7733 Datasheet HTML 254Page - Renesas Technology Corp 7733 Datasheet HTML 255Page - Renesas Technology Corp 7733 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–49
8.4 Clock asynchronous serial I/O (UART) mode
8.4.3 Method of transmission
Figure 8.4.3 shows an initial setting example for related registers when transmitting.
The difference derived by selection of transfer data length (7 bits, 8 bits, or 9 bits) is only that data is
transmitted in different lengths. When a 7/8-bit data length is selected, set the transmit data in the low-
order byte of the UARTi transmission buffer register; when a 9-bit data length is selected, set the transmit
data in the low-order byte and bit 0 of the high-order byte.
Transmission is started when the following conditions (Œ to Ž) are satisfied:
Œ Transmit enable state (transmit enable bit = “1”)
 Transmit data is present in the UARTi transmission buffer register (transmission buffer empty flag = “0”)
____
____
Ž The CTSi pin’s input is at “L” level (when the CTS function is selected)
____
Note: When the CTS function is not selected or in UART2, this condition is ignored.
____
____
By connecting the RTSi pin (receiver side) and CTSi pin (transmitter side), the timing of transmission and
that of reception can be matched (UART0, UART1). For details, refer to section “8.4.6 Receive operation.”
When using interrupts, settings for enabling interrupts are required. For details, refer to chapter “4. Interrupts.”
Figure 8.4.4 shows how to write data after transmission is started and Figure 8.4.5 shows how to detect
the transmit completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com