Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 249Page - Renesas Technology Corp 7733 Datasheet HTML 250Page - Renesas Technology Corp 7733 Datasheet HTML 251Page - Renesas Technology Corp 7733 Datasheet HTML 252Page - Renesas Technology Corp 7733 Datasheet HTML 253Page - Renesas Technology Corp 7733 Datasheet HTML 254Page - Renesas Technology Corp 7733 Datasheet HTML 255Page - Renesas Technology Corp 7733 Datasheet HTML 256Page - Renesas Technology Corp 7733 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–50
8.4 Clock asynchronous serial I/O (UART) mode
UART0 baud rate register (BRG0) (address 3116)
UART1 baud rate register (BRG1) (address 3916)
UART2 baud rate register (BRG2) (address 6516)
b7
b0
A value from 0016 to FF16 is set.
Interrupt priority level selection bits
When using interrupts, one of level 1
to 7 must be set.
When disabling interrupts, level 0 must
be set.
Note 2: The CTS/RTS function selection
bit is valid when the CTS/RTS
enable bit = “0.”
UART0 transmission interrupt control register (address 7116)
UART1 transmission interrupt control register (address 7316)
A-D/UART2 transm./rece. interrupt control register (address 7016)
b7
1
UART0 transmit/receive control register 1 (address 3516)
UART1 transmit/receive control register 1 (address 3D16)
UART2 transmit/receive control register 1 (address 6916)
b7
b0
Transmit enable bit
1: Transmission is enabled.
Transmission is started.
(If the CTS function is selected, transmission is
started when the CTSi pin’s input level is “L.”)
b0
UART0 transmission buffer register (addresses 3316, 3216)
UART1 transmission buffer register (addresses 3B16, 3A16)
UART2 transmission buffer register (addresses 6716, 6616)
b7
b0
Transmit data is set here.
b8
UART0 transmit/receive mode register (address 3016)
UART1 transmit/receive mode register (address 3816)
UART2 transmit/receive mode register (address 6416)
b7
b0
Internal/External clock selection bit
0: Internal clock
1: External clock
1 0 0: UART mode (7 bits)
1 0 1: UART mode (8 bits)
1 1 0: UART mode (9 bits)
Stop bit length selection bit
0: 1 stop bit
1: 2 stop bits
Odd/Even parity selection bit
0: Odd parity
1: Even parity
Parity enable bit
0: Parity is disabled.
1: Parity is enabled.
Sleep selection bit (Note 1)
0: The sleep mode is terminated (ignored).
1: The sleep mode is selected.
1
b2b1b0
UART0 transmit/receive control register 0 (address 3416)
UART1 transmit/receive control register 0 (address 3C16)
b7
b0
BRG count source selection bits
CTS
/ RTS enable bit
0: The CTS / RTS function is enabled.
1: The CTS / RTS function is disabled.
CTS
/ RTS function selection bit
0: The CTS function is selected.
1: The RTS function is selected.
(The CTS function is disabled.)
0
0
Data output selection bit
0: TxDi pin is set for CMOS output.
1: TxDi pin is set for N-channel
open-drain output.
Clocks f2, f16, f64, and f512 : Refer to chapter “14. CLOCK GENERATING
CIRCUIT.”
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1b0
(Note 2)
Note 1: Nothing is allocated to bit
7 of the UART2 transmit/
receive mode register.
b7
b0
BRG count source selection bits
CTS
enable bit
0: The CTS function is enabled.
1: The CTS function is disabled (I/O port).
0 0: Clock f2
0 1: Clock f16
1 0: Clock f64
1 1: Clock f512
b1b0
UART2 transmit/receive control register 0 (address 6816)
0
Fig. 8.4.3 Initial setting example for related registers when transmitting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com