Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 252Page - Renesas Technology Corp 7733 Datasheet HTML 253Page - Renesas Technology Corp 7733 Datasheet HTML 254Page - Renesas Technology Corp 7733 Datasheet HTML 255Page - Renesas Technology Corp 7733 Datasheet HTML 256Page - Renesas Technology Corp 7733 Datasheet HTML 257Page - Renesas Technology Corp 7733 Datasheet HTML 258Page - Renesas Technology Corp 7733 Datasheet HTML 259Page - Renesas Technology Corp 7733 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–53
8.4.4 Transmit operation
When the transmit conditions described in section “8.4.3 Method of transmission” are satisfied, the
transfer clock is generated and the following operations are automatically performed after one cycle of the
transfer clock has passed.
q The UARTi transmission buffer register’s contents is transferred to the UARTi transmission register.
q The transmission buffer empty flag is set to “1.”
q The transmission register empty flag is cleared to “0.”
q A UARTi transmission interrupt request occurs and the interrupt request bit is set to “1.”
The transmit operation is described below.
Œ Data in the UARTi transmission register is transmitted from the TXDi pin.
 This data is transmitted bit by bit sequentially in order of ST
→DATA (LSB)→ ••• →DATA (MSB)→PAR
→SP according to the transfer data format.
Ž In the middle of the stop bit (the second stop bit when two stop bits are selected), the transmission
register empty flag is set to “1.” This indicates completion of transmission. Also, whether the transmit
conditions for the next data are satisfied or not is checked.
When the transmit conditions for the next data are satisfied at completion of transmission in operation Ž,
a start bit is generated following the stop bit and the next data is transmitted. When performing transmission
in succession, set the next transmit data in the UARTi transmission buffer register during transmission
(when transmission register empty flag = “0”).
When the transmit conditions for the next data are not satisfied, the TXDi pin outputs “H” level and the
transfer clock is stopped.
Figure 8.4.6 shows an example of transmit timing when the transfer data length has a 8 bits. Figure 8.4.7
shows an example of transmit timing when the transfer data length has a 9 bits.
8.4 Clock asynchronous serial I/O (UART) mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com