Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 254Page - Renesas Technology Corp 7733 Datasheet HTML 255Page - Renesas Technology Corp 7733 Datasheet HTML 256Page - Renesas Technology Corp 7733 Datasheet HTML 257Page - Renesas Technology Corp 7733 Datasheet HTML 258Page - Renesas Technology Corp 7733 Datasheet HTML 259Page - Renesas Technology Corp 7733 Datasheet HTML 260Page - Renesas Technology Corp 7733 Datasheet HTML 261Page - Renesas Technology Corp 7733 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 940 page
background image
SERIAL
I/O
7733 Group User’s Manual
8–55
8.4 Clock asynchronous serial I/O (UART) mode
Fig. 8.4.8 Example of transmit timing when data is transferred in 8 bits (When parity is enabled, one
____
stop bit, and CTS function is selected)
Tc
D0 D1 D2 D3 D4 D5 D6 D7
ST
PSP
D0 D1
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
ST
TENDi
TxDi
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”
“L”
“H”
CTSi
Stopped because CTS pin’s level is “H.”
Transmit enable bit
Transmission buffer
empty flag
Transmission register
empty flag
Start bit
Stop bit
Data is set in UARTi transmission buffer register.
Transfer clock
The above timing diagram is applied when
the following conditions are satisfied:
q Parity is enabled.
q 1 stop bit
q CTS function is selected.
TC = 16(n + 1)/fi or 16(n + 1)/fEXT
fi : BRGi’s count source frequency (f2, f16, f64, or f512)
fEXT : BRGi’s count source frequency (external clock)
n : Value set to BRGi
← UARTi transmission buffer register
Stopped because transmit enable bit = “0”
UARTi transmission
interrupt request bit
Cleared to “0” when an interrupt request is accepted; otherwise, cleared by software.
Parity bit
TENDi : Next transmit conditions are checked when this signal level becomes “H.”
(TENDi is an internal signal. Accordingly, it cannot be read from the external.)
UARTi transmission register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com