Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 258Page - Renesas Technology Corp 7733 Datasheet HTML 259Page - Renesas Technology Corp 7733 Datasheet HTML 260Page - Renesas Technology Corp 7733 Datasheet HTML 261Page - Renesas Technology Corp 7733 Datasheet HTML 262Page - Renesas Technology Corp 7733 Datasheet HTML 263Page - Renesas Technology Corp 7733 Datasheet HTML 264Page - Renesas Technology Corp 7733 Datasheet HTML 265Page - Renesas Technology Corp 7733 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–59
8.4 Clock asynchronous serial I/O (UART) mode
TxDi
RxDi
CTSi
TxDi
RxDi
RTSi (Note)
Transmitter side
Receiver side
Note: The RTSi output function is not assigned for
8.4.6 Receive operation
When the receive enable bit is set to “1,” the UARTi enters the receive enable state. And then, the transfer
clock is generated when ST is detected, and reception is started.
____
____
When the RTS function is selected (UART0, UART1), the RTSi pin’s output level becomes “L” if the UARTi
enters the receive enable state and the microcomputer informs the transmitter side that reception is
____
enabled. When reception is started, the RTSi pin’s output level becomes “H.” Accordingly, by connecting
____
____
the RTSi pin (receiver side) and the CTSi pin (transmitter side), the timing of transmission and that of
reception can be matched. Figure 8.4.11 shows an connection example.
The receive operation is described below.
Œ The signal which is input from the RxDi pin is taken in the most significant bit of the UARTi receive
register synchronously with the transfer clock’s rising edge.
 The contents of UARTi receive register is shifted by 1 bit to the right.
Ž Operations Œ and  are repeated at each transfer clock’s rising edge.
 When a set of data is prepared, in other words, when shifted several times depending on the specified
data format, the UARTi receive register’s contents is transferred to the UARTi receive buffer register.
 Simultaneously with , the receive completion flag is set to “1.” Furthermore, a UARTi receive interrupt
request occurs and the interrupt request bit is set to “1.”
The receive completion flag is cleared to “0” when the low-order of the UARTi receive buffer register is read
____
____
out. The RTSi pin’s output level becomes “L” simultaneously with  (when RTS function is selected). Figure
8.4.12 shows an example of receive timing when transfer data has a length of 8 bits.
Fig. 8.4.11 Connection example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com