Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 261Page - Renesas Technology Corp 7733 Datasheet HTML 262Page - Renesas Technology Corp 7733 Datasheet HTML 263Page - Renesas Technology Corp 7733 Datasheet HTML 264Page - Renesas Technology Corp 7733 Datasheet HTML 265Page - Renesas Technology Corp 7733 Datasheet HTML 266Page - Renesas Technology Corp 7733 Datasheet HTML 267Page - Renesas Technology Corp 7733 Datasheet HTML 268Page - Renesas Technology Corp 7733 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 940 page
background image
SERIAL I/O
7733 Group User’s Manual
8–62
8.4 Clock asynchronous serial I/O (UART) mode
Master
Slave B
Slave A
Slave D
Slave C
Data is transferred between the master
microcomputer and one specific slave
microcomputer, which is selected from
multiple slave microcomputers.
8.4.9 Sleep mode (UART0 and UART1)
This mode is used when data is transferred between the master microcomputer and one slave microcomputer,
which is selected from multiple slave microcomputers connected to the master microcomputer using UARTi.
The sleep mode is selected when the sleep selection bit (bit 7 at addresses 3016 and 3816) is set to “1”
at receiving.
In the sleep mode, the receive operation is performed when the MSB (D8 when the transfer data has a
length of 9 bits; D7 when the transfer data has a length of 8 bits; D6 when the transfer data has a length
of 7 bits) of the receive data = “1.” The receive operation is not performed when the MSB = “0.” (The UARTi
receive register’s contents is not transferred to the UARTi receive buffer register. The receive completion
flag and error flags do not change and a UARTi receive interrupt request does not occur, also.)
A usage example of the sleep mode when the transfer data has a length of 8 bits is described below.
Œ Set the same transfer data format for the master and slave microcomputers. Select the sleep mode for
the slave microcomputer.
 Transmit the data, which has “1” in bit 7 and the address of the slave microcomputer to be communicated
in bits 6 to 0, from the master microcomputer to all slave microcomputers.
Ž All slave microcomputers receive data in operation . (At this time, a UARTi receive interrupt request
occurs.)
 For all slave microcomputers, check in the interrupt routine whether bits 6 to 0 in the receive data match
their own addresses.
 For the slave microcomputer whose address matches bits 6 to 0 in the receive data, terminate the sleep
mode. (Do not terminate the sleep mode for the other slave microcomputers.)
By performing operations  to , “the slave microcomputer which performs transmission” can be specified.
‘ Transmit the data, which has “0” in bit 7, from the master microcomputer. (Only the microcomputer
selected by operations  to  receives this data. The other microcomputers do not receive this data.)
’ By repeating operation ‘, data is transferred between two specific microcomputers in succession. Also,
by performing operations  to , another slave microcomputer can be specified.
Fig. 8.4.13 Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com