Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 263Page - Renesas Technology Corp 7733 Datasheet HTML 264Page - Renesas Technology Corp 7733 Datasheet HTML 265Page - Renesas Technology Corp 7733 Datasheet HTML 266Page - Renesas Technology Corp 7733 Datasheet HTML 267Page - Renesas Technology Corp 7733 Datasheet HTML 268Page - Renesas Technology Corp 7733 Datasheet HTML 269Page - Renesas Technology Corp 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–2
The A-D converter is described below.
For this A-D converter, 8-bit resolution or 10-bit resolution can be selected. It’s conversion method is the
successive approximation method and has 8 analog input pins.
9.1 Overview
The performance overview is listed in Table 9.1.1.
Table 9.1.1 Performance overview
9.1 Overview
Item
A-D conversion method
Resolution
Absolute accuracy
Analog input pin
Conversion rate per analog input pin
Performance
Successive approximation method
8/10 bits can be selected by software
8-bit resolution: ±2 LSB
10-bit resolution: ±3 LSB
8 pins (AN0 to AN7)
8-bit resolution: 49
φADV cycles
10-bit resolution: 59
φADV cycles
φADV: A-D converter’s operating clock
The A-D convertor has the following four operation modes.
s One-shot mode
A-D conversion is once performed for the input voltage of one analog input pin.
s Repeat mode
A-D conversion is repeatedly performed for the input voltage of one analog input pin.
s Single sweep mode
A-D conversion is performed for the input voltage of multiple analog input pins, one at a time.
s Repeat sweep mode
A-D conversion is repeatedly performed for the input voltage of multiple analog input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com