Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 271 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 271 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 267Page - Renesas Technology Corp 7733 Datasheet HTML 268Page - Renesas Technology Corp 7733 Datasheet HTML 269Page - Renesas Technology Corp 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–6
b7
b6
b5
b4
b3
b2
b1
b0
A-D control register 1 (address 1F 16)
Bit
1
0
Bit name
At reset
1
RW
Functions
0 0: Pins AN0 and AN1 (2 pins)
0 1: Pins AN0 to AN3 (4 pins)
1 0: Pins AN0 to AN5 (6 pins) (Note 2)
1 1: Pins AN0 to AN7 (8 pins)
b1 b0
Not implemented.
Undefined
1
These bits are ignored in the one-shot and repeat modes. (They may be “0” or “1.”)
When an external trigger is selected, pin AN 5 cannot be used as an analog input pin.
Writing to each bit of the A-D control register 1 must be performed while the A-D
converter stops operating.
When the VREF connection selection bit is cleared from “1” to “0,” wait for an interval of 1
µs or more passed, and then start A-D conversion.
2
3
8/10-bit mode selection bit
0: 8-bit resolution
1: 10-bit resolution
A-D sweep pin selection bits
(Valid in the single sweep and
repeat sweep modes.)
(Note 1)
0
4
Must be fixed to “0.”
5
VREF connection selection
bit
(Note 4)
0: Pin VREF is connected.
1: Pin VREF is disconnected.
(High impedance)
7
6
Not implemented.
0
0
Undefined
RW
RW
RW
RW
RW
_
0
Notes 1:
2:
3:
4:
9.2.2 A-D control register 1
Figure 9.2.3 shows the structure of A-D control register 1.
9.2 Block description
Fig. 9.2.3 Structure of A-D control register 1
(1) A-D sweep pin selection bits (bits 1 and 0)
These bits are used to select analog input pins in the single sweep and repeat sweep modes. Refer
to section “9.2.5 Port P7 direction register.”
(2) VREF connection selection bit (bit 5)
This bit is used to disconnect the A-D converter’s resistor ladder network from the reference voltage
input pin (VREF) when not using the A-D converter.
When pin VREF is disconnected from the resistor ladder network, no current flows from pin VREF to
the resistor ladder network.
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com