Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 269Page - Renesas Technology Corp 7733 Datasheet HTML 270Page - Renesas Technology Corp 7733 Datasheet HTML 271Page - Renesas Technology Corp 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–8
Bit
7 to 4
Not implemented.
3
Interrupt request bit (Note)
2
1
0
Interrupt priority level selection
bits
Bit name
At reset
Undefined
0
0
0
0
RW
Functions
0 0 0: Level 0 (Interrupt is disabled.)
0 0 1: Level 1
Priority is low.
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
Priority is high.
b2 b1 b0
0: No interrupt request has occurred.
1: Interrupt request has occurred.
b7
b6
b5
b4
b3
b2
b1
b0
A-D/UART2 trans./rece. interrupt control register (address 70 16)
Note: When UART2 is selected, in other words, when a serial I/O mode is selected by specifying
the serial I/O mode selection bits (bits 0 to 2 at address 64 16), this bit is set to “1.”
RW
RW
RW
RW
9.2.4 A-D/UART2 trans./rece. interrupt control register
Figure. 9.2.5 shows the structure of the A-D/UART2 trans./rece. control register.
The A-D conversion interrupt and UART2 transmission/reception interrupt share the same interrupt control
register and interrupt vector addresses.
When UART2 is selected, the A-D/UART2 trans./rece. interrupt control register functions as an register
which control the UART2 transmission/reception interrupt. At this time, the A-D conversion interrupt cannot
be used.
For details on interrupts, refer to chapter “4. INTERRUPTS.” For details on UART2, refer to chapter “8.
SERIAL I/O.”
The case where this register is used as the A-D conversion interrupt control register is described below.
Fig. 9.2.5 Structure of A-D/UART2 trans./rece. interrupt control register
9.2 Block description
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com