Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp 7733 Datasheet HTML 279Page - Renesas Technology Corp 7733 Datasheet HTML 280Page - Renesas Technology Corp 7733 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–12
1
1
n9
0 00000000
0 00000000
1 00000000
n9 n8 1 0000000
n9 n8 n7 n6 n5 n4 n3
1
n9 n8 n7 n6 n5 n4 n3 n2
b9
b0
1st comparison result
2nd comparison result
Successive approximation register
Vref
A-D converter stopped
1st comparison
2nd comparison
3rd comparison
10th comparison
Conversion complete
2
VREF
2048
VREF
2
VREF
4
VREF
2048
VREF
2
VREF
4
VREF
8
VREF
2048
VREF
2
VREF
4
VREF
8
VREF
VREF
1024
2048
VREF
[V]
[V]
[V]
[V]
[V]
4
VREF
•When n9 = 1,
4
VREF
•When n9 = 0,
8
VREF
•When n8 = 1,
8
VREF
•When n8 = 0,
2
VREF ±
–
–
±±
–
±±
±
±
–
n2 n1
n1 n0
+
–
+
–
1
1
n9
0 00000000
0 00000000
1 00000000
n9 n8 1 0000000
n9 n8 n7 n6 n5 n4 n3 1 00
n9 n8 n7 n6 n5 n4 n3 n2 00
b9
b0
1st comparison result
2nd comparison result
Successive approximation register
Vref
A-D converter stopped
1st comparison
2nd comparison
3rd comparison
8th comparison
Conversion complete
2
VREF
2048
VREF
2
VREF
4
VREF
2048
VREF
2
VREF
4
VREF
8
VREF
2048
VREF
2
VREF
4
VREF
8
VREF
VREF
256
2048
VREF
[V]
[V]
[V]
[V]
[V]
4
VREF
•When n9 = 1,
4
VREF
•When n9 = 0,
8
VREF
•When n8 = 1,
8
VREF
•When n8 = 0,
2
VREF ±
–
–
±±
–
±±
±
±
–
+
–
+
–
Table 9.3.2 Change of successive approximation register and Vref during A-D conversion (when
resolution = 8 bits)
9.3 A-D conversion method
Table 9.3.3 Change of successive approximation register and Vref during A-D conversion (when
resolution = 10 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com