Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp 7733 Datasheet HTML 279Page - Renesas Technology Corp 7733 Datasheet HTML 280Page - Renesas Technology Corp 7733 Datasheet HTML 281Page - Renesas Technology Corp 7733 Datasheet HTML 282Page - Renesas Technology Corp 7733 Datasheet HTML 283Page - Renesas Technology Corp 7733 Datasheet HTML 284Page - Renesas Technology Corp 7733 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–16
07
05
06
03
00
02
Analog input voltage (mV)
02
01
00
04
02
01
00
01
08
09
10
30
17.5
37.5
q8-bit A-D converter (When VREF = 5.12 V)
Output code
(A-D conversion result)
qM37733MHBXXXFP’s A-D converter with ideal characteristics (When VREF = 5.12 V)
Output code
(A-D conversion result)
8-bit
resolution
10-bit
resolution
(g)
Analog input voltage (mV)
8-bit resolution
10-bit resolution
g: Difference from output code change point
VREF: Reference voltage
(g)
9.4.3 Comparison voltage when resolution = 8 bits
When 8-bit resolution is selected in the M37733MHBXXXFP, the high-order 8 bits of the 10-bit successive
approximation register is the conversion result.
Accordingly, when compared with the 8-bit A-D converter, the comparison reference voltage is different by
3VREF/2048 (refer to the underlined portions in the Table 9.4.1). The difference of the output code change
point is generated as shown in Figure 9.4.3.
M37733MHBXXXFP (When resolution = 8 bits)
8-bit A-D converter
Comparison reference
voltage Vref
VREFV1/28 ! nV2 – VREF/210 ! 0.5
VREF/28 ! n – VREF/28 ! 0.5
VREFV1: Reference voltage
nV2: Contents of successive approximation register
Table 9.4.1 Compare reference voltage
9.4 Absolute accuracy and Differential non-linearity error
Fig. 9.4.3 Difference of output code change point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com