Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp 7733 Datasheet HTML 279Page - Renesas Technology Corp 7733 Datasheet HTML 280Page - Renesas Technology Corp 7733 Datasheet HTML 281Page - Renesas Technology Corp 7733 Datasheet HTML 282Page - Renesas Technology Corp 7733 Datasheet HTML 283Page - Renesas Technology Corp 7733 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–15
00016
00116
00216
00316
00416
00516
00616
0
5
1015
2025
30
3540
45
00716
00816
00916
Output code
(A-D conversion result)
Differential non-linearity error
Analog input voltage (mV)
1-LSB width with
A-D conversion characteristics
9.4.2 Differential non-linearity error
The differential non-linearity error indicates the difference between the 1-LSB step width (the ideal analog
input voltage width while the same output code is expected to output) of an A-D converter with ideal
characteristics and the actual measured step width (the actual analog input voltage width while the same
output code is output). For example, in the case of the 10-bit mode, when VREF = 5.12 V, the 1-LSB width
of an A-D converter with ideal characteristics is 5 mV, but if the differential non-linearity error is ±1 LSB,
the actual measured 1-LSB width is 0 to 10 mV. (Refer to section “16.1.4 A-D converter standard
characteristics.”)
9.4 Absolute accuracy and Differential non-linearity error
Fig. 9.4.2 Differential non-linearity error (when resolution = 10 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com