Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 272Page - Renesas Technology Corp 7733 Datasheet HTML 273Page - Renesas Technology Corp 7733 Datasheet HTML 274Page - Renesas Technology Corp 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp 7733 Datasheet HTML 279Page - Renesas Technology Corp 7733 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–11
9.3 A-D conversion method
The A-D converter compares the comparison voltage (Vref), which is internally generated according to the
contents of the successive approximation register, and the analog input voltage (VIN), which is input from
the analog input pin. By reflecting the comparison result on the successive approximation register, VIN is
converted into a digital value (successive approximation method). When a trigger occurs, the A-D converter
performs the following processing:
Œ Determination of successive approximation register’s bit 9
The A-D converter compares Vref and VIN. At this time, contents of the successive approximation
register is “10000000002” (Initial value).
Bit 9 of the successive approximation register changes according to the comparison result as follows:
If Vref < VIN, bit 9 = “1”
If Vref > VIN, bit 9 = “0”
 Determination of successive approximation register’s bit 8
After setting bit 8 of the successive approximation register to “1,” the A-D converter compares Vref and
VIN. Bit 8 changes according to the comparison result as follows:
If Vref < VIN, bit 8 = “1”
If Vref > VIN, bit 8 = “0”
Ž Determination of successive approximation register’s bits 7 to LSB
When resolution = 8 bits ........... For bits 7 to 2, perform operation .
When resolution = 10 bits ......... For bits 7 to 0, perform operation .
When the LSB is determined, the contents of the successive approximation register, in other words,
the conversion result is transferred to the A-D register i.
Vref is generated according to the latest contents of the successive approximation register. Table 9.3.1 lists
the relationship between the successive approximation register’s contents and Vref. Tables 9.3.2 and 9.3.3
list changes of the successive approximation register and Vref during A-D conversion. Figure 9.3.1 shows
theoretical A-D conversion characteristics when resolution = 10 bits.
Table 9.3.1 Relationship between successive approximation register’s contents and Vref
9.3 A-D conversion method
1 to 1023
× (n – 0.5)
VREFV: Reference voltage
VREFV
1024
Successive approximation register’s contents: n
0
Vref (V)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com