Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7733 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 275Page - Renesas Technology Corp 7733 Datasheet HTML 276Page - Renesas Technology Corp 7733 Datasheet HTML 277Page - Renesas Technology Corp 7733 Datasheet HTML 278Page - Renesas Technology Corp 7733 Datasheet HTML 279Page - Renesas Technology Corp 7733 Datasheet HTML 280Page - Renesas Technology Corp 7733 Datasheet HTML 281Page - Renesas Technology Corp 7733 Datasheet HTML 282Page - Renesas Technology Corp 7733 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 940 page
background image
A-D CONVERTER
7733 Group User’s Manual
9–14
00016
00116
00216
00316
00416
00516
00616
0
5
10
1520
25
3035
4045
5055
00716
00816
00916
00A16
00B16
+3 LSB
–3 LSB
Ideal A-D conversion
characteristics
Analog input voltage (mV)
Output code
(A-D conversion result)
Fig. 9.4.1 Absolute accuracy of A-D converter (when resolution = 10 bits)
9.4 Absolute accuracy and Differential non-linearity error
The A-D conversion’s accuracy is described below.
9.4.1 Absolute accuracy
The absolute accuracy is the difference expressed in the LSB between the actual A-D conversion result
and the output code of an A-D converter with ideal characteristics. The analog input voltage when measuring
the accuracy is assumed to be the mid point of the input voltage width that outputs the same output code
from an A-D converter with ideal characteristics. For example, in the case of the 10-bit resolution, when
VREF = 5.12 V, 1-LSB width is 5 mV, and 0 mV, 5 mV, 10 mV, 15 mV, 20 mV, ... are selected as the analog
input voltages.
The absolute accuracy = ±3 LSB when the analog input voltage = 25 mV indicates that the output code
expected from an ideal A-D conversion characteristics is “00516” but the actual A-D conversion result is
between “00216” to “00816.”
The absolute accuracy includes the zero error and the full-scale error.
The absolute accuracy degrades when VREF is lowered. The output codes for analog input voltages between
VREF and AVCC are “3FF16.”
9.4 Absolute accuracy and Differential non-linearity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com